Part Number Hot Search : 
F25CPT 10R3SS XRT91L32 A03TKLB 2N5154 PE9912 2614FS 4H560838
Product Description
Full Text Search
 

To Download BLF6G21-10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLF6G21-10G
Power LDMOS transistor
Rev. 02 -- 11 December 2009 Product data sheet
1. Product profile
1.1 General description
10 W LDMOS power transistor for base station applications at frequencies from HF to 2200 MHz
Table 1. Typical performance IDq = 100 mA; Tcase = 25 C in a common source class-AB production test circuit. Mode of operation 2-carrier W-CDMA 1-carrier W-CDMA
[1]
f (MHz) 2110 to 2170 2110 to 2170
VDS (V) 28 28
PL(AV) (W) 0.7 2
Gp (dB) 18.5 19.3
D (%) 15 31
ACPR (dBc) -50[1] -39[1]
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 7.5 dB at 0.01 % probability on CCDF per carrier; carrier spacing 5 MHz.
CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken during transport and handling.
1.2 Features
I Typical 2-carrier W-CDMA performance at frequencies of 2110 MHz and 2170 MHz, a supply voltage of 28 V and an IDq of 100 mA: N Average output power = 0.7 W N Gain = 18.5 dB N Efficiency = 15 % N ACPR = -50 dBc I Typical 1-carrier W-CDMA performance at frequencies of 2110 MHz and 2170 MHz, a supply voltage of 28 V and an IDq of 100 mA: N Average output power = 2 W N Gain = 19.3 dB N Efficiency = 31 % N ACPR = -39 dBc I Easy power control I Integrated ESD protection I Excellent ruggedness I High efficiency
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
I Excellent thermal stability I No internal matching for broadband operation I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances (RoHS)
1.3 Applications
I RF power amplifiers for GSM, PHS, EDGE, CDMA and W-CDMA base stations and multi carrier applications in the HF to 2200 MHz frequency range I Broadcast drivers
2. Pinning information
Table 2. Pin 1 2 3 Pinning Description drain gate source
[1]
Simplified outline
1
Graphic symbol
1
3
2 3
sym112
2
[1]
Connected to flange.
3. Ordering information
Table 3. Ordering information Package Name BLF6G21-10G Description ceramic surface-mounted package; 2 leads Version SOT538A Type number
4. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VGS Tstg Tj Parameter drain-source voltage gate-source voltage storage temperature junction temperature Conditions Min -0.5 -65 Max 65 +13 +150 225 Unit V V C C
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
2 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
5. Thermal characteristics
Table 5. Thermal characteristics Conditions
[1]
Symbol Parameter
Typ 3.2
Unit K/W
Rth(j-case) thermal resistance from junction to case Tcase = 80 C; PL(AV) = 11 W
[1] Thermal resistance is determined under specified RF operating conditions
6. Characteristics
Table 6. Characteristics Tj = 25 C unless otherwise specified Symbol V(BR)DSS VGS(th) IDSS IDSX IGSS gfs RDS(on) Crs Parameter drain-source breakdown voltage gate-source threshold voltage drain leakage current drain cut-off current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance Conditions VGS = 0 V; ID = 0.5 mA VDS = 10 V; ID = 18 mA VGS = 0 V; VDS = 28 V VGS = VGS(th) + 3.75 V; VDS = 10 V VGS = 11 V; VDS = 0 V VDS = 10 V; ID = 0.9 A VGS = VGS(th) + 3.75 V; ID = 0.625 A VGS = 0 V; VDS = 28 V; f = 1 MHz Min 65 1.4 Typ 1.9 3.1 0.5 0.4 0.5 Max 2.4 1.5 150 Unit V V A A nA S pF
7. Application information
Table 7. Application information Mode of operation: 2-carrier W-CDMA; PAR 7.5 dB at 0.01 % probability on CCDF; 3GPP test model 1; 1-64 PDPCH; f1 = 2112.5 MHz; f2 = 2117.5 MHz; f3 = 2162.5 MHz; f4 = 2167.5 MHz; RF performance at VDS = 28 V; IDq = 100 mA; Tcase = 25 C; unless otherwise specified; in a class-AB production test circuit. Symbol Gp D ACPR Parameter power gain drain efficiency adjacent channel power ratio Conditions PL(AV) = 0.7 W PL(AV) = 0.7 W PL(AV) = 0.7 W Min Typ 18.5 15 -50 Max Unit dB % dBc
Table 8. Application information Mode of operation: 1-carrier W-CDMA; PAR 7.5 dB at 0.01 % probability on CCDF; 3GPP test model 1; 1-64 PDPCH; f1 = 2112.5 MHz; f2 = 2167.5 MHz; RF performance at VDS = 28 V; IDq = 100 mA; Tcase = 25 C; unless otherwise specified; in a class-AB production test circuit. Symbol Gp D ACPR Parameter power gain drain efficiency adjacent channel power ratio Conditions PL(AV) = 2 W PL(AV) = 2 W PL(AV) = 2 W Min 17.3 29 Typ 19.3 31 -39 Max -36 Unit dB % dBc
7.1 Ruggedness in class-AB operation
The BLF6G21-10G is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; f = 2140 MHz at PL = 10 W.
BLF6G21-10G_2 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
3 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
7.2 CW
50 RLin (dB) 40
(1)
001aal120
30
20
(2)
10
(3)
0 0 4 8 12 PL (W) 16
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 1.
CW input return loss as a function of load power; typical values
19.5 Gp (dB) 18.5
001aal121
80 D (%) 60
001aal122
(1) (2) (3)
40
17.5
(1) (2) (3)
20
16.5 0 4 8 12 PL (W) 16
0 0 4 8 12 PL (W) 16
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 2.
CW power gain as a function of load power; typical values
Fig 3.
CW drain efficiency as a function of load power; typical values
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
4 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
7.3 1-carrier W-CDMA
50 RLin (dB) 40
(1)
001aal123
30
20
(2) (3)
10
0 0 1 2 3 PL (W) 4
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 4.
1-carrier W-CDMA input return loss as a function of load power; typical values
20.0 Gp (dB) 19.6
001aal124
50 D (%) 40
001aal125
19.2
30
(1) (2) (3)
18.8
(1) (2) (3)
20
18.4
10
18.0 0 1 2 3 PL (W) 4
0 0 1 2 3 PL (W) 4
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 5.
1-carrier W-CDMA power gain as a function of load power; typical values
Fig 6.
1-carrier W-CDMA drain efficiency as a function of load power; typical values
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
5 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
-30 ACPR (dBc) -40
(3) (2) (1)
001aal126
-52 ACPR (dBc) -56
001aal127
-50
-60
(3) (2) (1)
-60 0 1 2 3 PL (W) 4
-64 0 1 2 3 PL (W) 4
VDS = 28 V; IDq = 100 mA; carrier spacing 5 MHz. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
VDS = 28 V; IDq = 100 mA; carrier spacing 10 MHz. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 7.
1-carrier W-CDMA adjacent channel power ratio as a function of load power; typical values
Fig 8.
1-carrier W-CDMA adjacent channel power ratio as a function of load power; typical values
7.4 2-carrier W-CDMA
40 RLin (dB) 30
(1)
001aal128
20
(2) (3)
10
0 0 0.6 1.2 PL (W) 1.8
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 9.
2-carrier W-CDMA input return loss as a function of load power; typical values
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
6 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
20.0 Gp (dB) 19.6
001aal129
30 D (%) 20
001aal130
19.2
(1) (2) (3)
18.8
10
(1) (2) (3)
18.4
18.0 0 0.6 1.2 PL (W) 1.8
0 0 0.6 1.2 PL (W) 1.8
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
VDS = 28 V; IDq = 100 mA. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 10. 2-carrier W-CDMA power gain as a function of load power; typical values
Fig 11. 2-carrier W-CDMA drain efficiency as a function of load power; typical values
-30 ACPR (dBc) -40
001aal131
-40 ACPR (dBc) -45
001aal132
(3) (2) (1)
-50
(3) (2) (1)
-50 -55
-60 0 0.6 1.2 PL (W) 1.8
-60 0 0.6 1.2 PL (W) 1.8
VDS = 28 V; IDq = 100 mA; carrier spacing 5 MHz. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
VDS = 28 V; IDq = 100 mA; carrier spacing 10 MHz. (1) f = 2.11 GHz (2) f = 2.14 GHz (3) f = 2.17 GHz
Fig 12. 2-carrier W-CDMA adjacent channel power ratio as a function of load power; typical values
Fig 13. 2-carrier W-CDMA adjacent channel power ratio as a function of load power; typical values
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
7 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
8. Package outline
Ceramic surface-mounted package; 2 leads SOT538A
D
A
z2 (4x) D1 D2
3
z4 (4x) B c
1 A L
z1 (4x) H E2 E1 E
z3 (4x) 2 w1 M B M 0 2.5 scale DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 2.95 2.29 0.116 0.090 b 1.35 1.19 0.053 0.047 c 0.23 0.18 0.009 0.007 D 5.16 5.00 0.203 0.197 D1 4.65 4.50 0.183 0.177 D2 5.16 5.00 0.203 0.197 E 4.14 3.99 0.163 0.157 E1 3.63 3.48 0.143 0.137 E2 4.14 3.99 0.163 0.157 H 7.49 7.24 0.295 0.285 L 2.03 1.27 0.080 0.050 Q 0.10 0.00 w1 0.25 z1 0.58 0.43 z2 0.25 0.18 z3 0.97 0.81 0.038 0.032 z4 0.51 0.00 0.020 0.000 5 mm
b
Q
7 0 7 0
0.004 0.010 0.000
0.023 0.010 0.017 0.007
OUTLINE VERSION SOT538A
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 02-08-20 06-03-16
Fig 14. Package outline SOT538A
BLF6G21-10G_2 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
8 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
9. Abbreviations
Table 9. Acronym 3GPP CCDF CDMA CW DPCH EDGE GSM HF LDMOS PAR PDPCH PHS RF VSWR W-CDMA Abbreviations Description Third Generation Partnership Project Complementary Cumulative Distribution Function Code Division Multiple Access Continuous Wave Dedicated Physical CHannel Enhanced Data rates for GSM Evolution Global System for Mobile communications High Frequency Laterally Diffused Metal Oxide Semiconductor Peak-to-Average power Ratio transmission Power of the Dedicated Physical CHannel Personal Handy-phone System Radio Frequency Voltage Standing Wave Ratio Wideband Code Division Multiple Access
10. Revision history
Table 10. Revision history Release date 20091211 Data sheet status Product data sheet Change notice Supersedes BLF6G21-10G_1 Document ID BLF6G21-10G_2 Modifications:
* * * * * *
Section 6 on page 3: added some values. Table 7 on page 3: added some values. Section 7.1 on page 3: added some values. Section 7.2 on page 4: added CW powersweeps. Section 7.3 on page 5: added 1-carrier W-CDMA powersweeps. Section 7.4 on page 6: added 2-carrier W-CDMA powersweeps. Objective data sheet -
BLF6G21-10G_1
20090511
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
9 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
11. Legal information
11.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
11.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
11.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BLF6G21-10G_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 11 December 2009
10 of 11
NXP Semiconductors
BLF6G21-10G
Power LDMOS transistor
13. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 7.1 7.2 7.3 7.4 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Application information. . . . . . . . . . . . . . . . . . . 3 Ruggedness in class-AB operation. . . . . . . . . . 3 CW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 1-carrier W-CDMA . . . . . . . . . . . . . . . . . . . . . . 5 2-carrier W-CDMA . . . . . . . . . . . . . . . . . . . . . . 6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 Legal information. . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Contact information. . . . . . . . . . . . . . . . . . . . . 10 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 11 December 2009 Document identifier: BLF6G21-10G_2


▲Up To Search▲   

 
Price & Availability of BLF6G21-10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X